Part Number Hot Search : 
MAE13021 PIC18F2 L9227 80006 IR3088A 2SA1602A ULQ2819A 00800
Product Description
Full Text Search
 

To Download BAT54CL-AE3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD BAT54x
SCHOTTKY BARRIER (DUAL) DIODES
DESCRIPTION
Planar Schottky barrier diodes encapsulated in the SOT-23, SOT-323 and SOD-323 small plastic SMD package. Single diodes and dual diodes with different pin configuration are available.
DIODE
FEATURES
* Low forward voltage * Guard ring protected * Small plastic SMD package
ORDERING INFORMATION
Ordering Number Lead Free Halogen Free BAT54L-AE3-R BAT54G-AE3-R BAT54AL-AE3-R BAT54AG-AE3-R BAT54CL-AE3-R BAT54CG-AE3-R BAT54SL-AE3-R BAT54SG-AE3-R BAT54L-CB2-R BAT54G-CB2-R BAT54L-AL3-R BAT54G-AL3-R BAT54AL-AL3-R BAT54AG-AL3-R BAT54CL-AL3-R BAT54CG-AL3-R BAT54SL-AL3-R BAT54SG-AL3-R Note: Pin Assignment: A: Anode K: Cathode x:NC Package SOT-23 SOT-23 SOT-23 SOT-23 SOD-323 SOT-323 SOT-323 SOT-323 SOT-323 Pin Assignment 1 2 3 x A K K1 K2 A2A1 A1 A2 K2K1 K1 A2 K2A1 A K x A K K1 K2 A2A1 A1 A2 K2K1 K1 A2 K2A1 Packing Tape Reel Tape Reel Tape Reel Tape Reel Tape Reel Tape Reel Tape Reel Tape Reel Tape Reel
www.unisonic.com.tw Copyright (c) 2009 Unisonic Technologies Co., Ltd
1 of 4
QW-R601-007,F
BAT54x
DIODE CONFIGURATION AND SYMBOL
BAT54
3 2 1 n.c
DIODE
BAT54A
BAT54C
BAT54S
MARKING
BAT54 BAT54A BAT54C BAT54S
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R601-007,F
BAT54x
ABSOLUTE MAXIMUM RATINGS
DIODE
PARAMETER SYMBOL RATINGS UNIT Per diode Continuous Reverse Voltage VR 30 V Continuous Forward Current IF 200 mA Repetitive Peak Forward Current (tp <1s, 0.5) IFRM 300 mA Non-repetitive Peak Forward Current (tp <10ms) IFSM 600 mA Junction Temperature TJ +125 C Storage Temperature TSTG -60 ~ +150 C Per device Power Dissipation (Ta25C) PD 230 mW Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER Junction to Ambient SOT-23 SOT-323 SYMBOL JA RATINGS 500 625 UNIT C/W C/W
ELECTRICAL CHARACTERISTICS (Ta = 25C, unless otherwise specified.)
PARAMETER SYMBOL TEST CONDITIONS IF = 0.1mA IF = 1mA IF = 10mA IF = 30mA IF = 100mA VR = 25V When switched from IF =10mA to IR = 10mA, RL = 100 measured at IR = 1mA f = 1 MHz, VR = 1V; MIN TYP MAX UNIT 240 mV 320 mV 400 500 800 2 5 10 mV mV mV A ns pF
Forward Voltage (See Fig.1)
VF
Reverse Current (See Fig.2) Reverse Recovery Time (see Fig.4) Diode Capacitance (see Fig.3)
IR trr Cd
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4
QW-R601-007,F
BAT54x
TYPICAL CHARACTERISTICS
DIODE
IF (mA)
Fig.3 Diode capacitance as a function of reverse voltage; typical values. 103 Ta = 25C, f = 1 MHz
IR (A)
Fig.4 Reverse recovery definitions
IF dIF dt
10 Cd (pF)
10% t
5
Qr 90% IR tF
0
0
10 VR (V)
20
30
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R601-007,F


▲Up To Search▲   

 
Price & Availability of BAT54CL-AE3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X